Part Number Hot Search : 
03203 MH46TAD 2N111 S93C46 MBS034M FRL234R SP233 TA78L08S
Product Description
Full Text Search
 

To Download LCA100L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  i ntegrated c ircuits d ivision www.ixysic.com ds-LCA100L-r02 1 LCA100L single-pole optomos ? relay e 3 pb part # description LCA100L 6-pin dip (50/tube) LCA100Ls 6-pin surface mount (50/tube) LCA100Lstr 6-pin surface mount (1,000/reel) parameter ratings units blocking voltage 350 v p load current 120 ma rms & ma dc on-resistance (max) 25 ? applications features description ordering information pin configuration ? telecommunications ? telecom switching ? tip/ring circuits ? modem switching (laptop, notebook, pocket size) ? hook switch ? dial pulsing ? ground start ? ringing injection ? instrumentation ? multiplexers ? data acquisition ? electronic switching ? i/o subsystems ? meters (watt-hour, water, gas) ? medical equipment?patient/equipment isolation ? security ? aerospace ? industrial controls ? 3750v rms input/output isolation ? current limiting ? low drive power requirements (ttl/cmos compatible) ? no moving parts ? high reliability ? arc-free with no snubbing circuits ? fcc compatible ? vde compatible ? no emi/rfi generation ? small 6-pin dip package ? machine insertable, wave solderable ? surface mount tape & reel version available the LCA100L is a current-limiting, 350v, 120ma, 25 ? , 1-form-a relay. it features one of the lowest on-resistances available in a 350v optomos relay. switching characteristics of normally open (form a) devices approvals ? ul recognized component: file # e76270 ? csa certified component: certificate # 1172007 ? en/iec 60950 certified component: tuv certificate # b 09 07 49410 004 form-a i f i load 10% 90% t on t off 1 3 2 4 5 6 + control C control do not use load do not use load ac/dc configuration 1 3 2 4 5 6 + control C control do not use + load C load dc only configuration
i ntegrated c ircuits d ivision www.ixysic.com 2 r02 LCA100L absolute maximum ratings are stress ratings. stresses in excess of these ratings can cause permanent damage to the device. functional operation of the device at conditions beyond those indicated in the operational sections of this data sheet is not implied. absolute maximum ratings @25oc parameter ratings units blocking voltage 350 v p reverse input voltage 5 v input control current peak (10ms) 50 ma 1a input power dissipation 1 150 mw total power dissipation 2 800 mw isolation voltage, input to output 3750 v rms operational temperature -40 to +85 c storage temperature -40 to +125 c 1 derate linearly 1.33 mw / o c 2 derate linearly 6.67 mw / o c parameter conditions symbol min typ max units output characteristics load current ac/dc con? guration, continuous 1 -i l - - 120 ma rms & ma dc dc con? guration, continuous 1 -i l - - 200 ma dc on-resistance 2 ac/dc con? guration i l =120ma r on --25 ? dc con? guration i l =200ma -- 8 off-state leakage current v l =350v i leak -- 1 a switching speeds turn-on i f = 5ma, v l = 10v t on -- 5 ms turn-off t off -- 5 ms output capacitance 50v, f=1mhz c out -35 - pf load current limiting - i cl 130 170 210 ma input characteristics input control current to activate i l = 120ma i f -- 5 ma input control current to deactivate - i f 0.4 0.7 - ma input voltage drop i f = 5ma v f 0.9 1.2 1.4 v reverse input current v r = 5v i r - - 10 a common characteristics capacitance, input to output - c i/o -3 - pf 1 if both poles operate, then the load current must be derated so that the package power dissipation value is not exceeded. 2 measurement taken within 1 second of on-time. electrical characteristics @25oc (unless otherwise noted)
i ntegrated c ircuits d ivision LCA100L www.ixysic.com 3 r02 *the performance data shown in the graphs above is typical of device performance. for guaranteed parameters not indicated in t he written specifications, please contact our application department. performance data @25oc (unless otherwise noted)* typical led forward voltage drop (n=50, i f =5ma) 35 30 25 20 15 10 5 0 1.17 1.19 1.21 1.23 1.25 led forward voltage drop (v) device count (n) typical turn-on time (n=50, i f =5ma, i l =120ma dc ) 1.72 2.02 2.32 2.61 1.87 2.17 2.46 turn-on time (ms) device count (n) 25 20 15 10 5 0 typical turn-off time (n=50, i f =5ma, i l =120ma dc ) 0.06 0.10 0.15 0.19 0.17 0.13 0.08 turn-off time (ms) device count (n) 25 20 15 10 5 0 typical i f for switch operation (n=50, i l =120ma dc ) 0.90 1.00 1.10 0.85 0.95 1.05 1.15 led current (ma) device count (n) 25 20 15 10 5 0 typical i f for switch dropout (n=50, i l =120ma dc ) 25 20 15 10 5 0 0.90 1.00 1.10 0.85 0.95 1.05 1.15 led current (ma) device count (n) typical on-resistance distribution (n=50, i l =120ma dc ) 35 30 25 20 15 10 5 0 13.93 14.17 14.41 14.66 14.05 14.29 14.54 on-resistance ( : ) device count (n) typical blocking voltage distribution (n=50) 35 30 25 20 15 10 5 0 369.8 379.4 388.9 398.4 374.6 384.1 393.7 blocking voltage (v p ) device count (n) typical led forward voltage drop vs. temperature temperature (oc) led forward voltage drop (v) 1.8 1.6 1.4 1.2 1.0 0.8 -40 -20 0 20 40 60 80 120 100 i f =50ma i f =10ma i f =5ma typical turn-on time vs. led forward current (i l =120ma dc ) led forward current (ma) turn-on time (ms) 0 5 1015202530354045 3.0 2.5 2.0 1.5 1.0 0.5 0 50 0 5 1015202530354045 50 typical turn-off time vs. led forward current (i l =120ma dc ) led forward current (ma) turn-off time (ms) 0.30 0.25 0.20 0.15 0.10 0.05 0
i ntegrated c ircuits d ivision www.ixysic.com 4 r02 LCA100L *the performance data shown in the graphs above is typical of device performance. for guaranteed parameters not indicated in t he written specifications, please contact our application department. performance data @25oc (unless otherwise noted)* typical turn-on time vs. temperature (i l =120ma dc ) temperature (oc) i f =5ma i f =10ma turn-on time (ms) -40 3.0 2.5 2.0 1.5 1.0 0.5 0 -20 0 20 40 60 80 100 120 typical turn-off time vs. temperature (i l =100ma dc ) temperature (oc) turn-off time (ms) -40 0.50 0.45 0.40 0.35 0.30 0.25 0.20 0.15 0.10 0.05 0 -20 0 20 40 60 80 100 120 typical on-resistance vs. temperature (i f =5ma, i l =120ma dc ) temperature (oc) on-resistance ( : ) -40 30 25 20 15 10 5 0 -20 0 20 40 60 80 100 120 typical i f for switch operation vs. temperature (i l =120ma dc ) temperature (oc) led current (ma) -40 5.0 4.0 3.0 2.0 1.0 0 -20 0 20 40 60 80 100 120 typical i f for switch dropout vs. temperature (i l =120ma dc ) temperature (oc) led current (ma) -40 5.0 4.0 3.0 2.0 1.0 0 -20 0 20 40 60 80 100 120 typical load current vs. load voltage (i f =5ma) load voltage (v) load current (ma) 150 100 50 0 -50 -100 -150 -3 -2 -1 0 1 2 3 maximum load current vs. temperature temperature (oc) load current (ma) 180 160 140 120 100 80 60 40 20 0 -40 -20 0 20 40 60 80 120 100 i f =10ma i f =5ma typical blocking voltage vs. temperature temperature (oc) blocking voltage (v p ) -40 410 405 400 395 390 385 380 375 -20 0 20 40 60 80 100 typical leakage vs. temperature measured across pins 4&6 temperature (oc) leakage ( p a) -40 0.016 0.014 0.012 0.010 0.008 0.006 0.004 0.002 0 -20 0 20 40 60 80 100 energy rating curve time load current (a) 10 p s 1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 1ms 100 p s 100ms 1s 10ms 10s 100s typical current limiting vs. temperature (i f =2ma) temperature (oc) current (ma) 300 250 200 150 100 50 0 -40 -20 0 20 40 60 80 100
i ntegrated c ircuits d ivision LCA100L www.ixysic.com 5 r02 manufacturing information moisture sensitivity all plastic encapsulated semiconductor packages are susceptible to moisture ingression. ixys integrated circuits division classified all of its plastic encapsulated devices for moisture sensitivity according to the latest version of the joint industry standard, ipc/jedec j-std-020 , in force at the time of product evaluation. we test all of our products to the maximum conditions set forth in the standard, and guarantee proper operation of our devices when handled according to the limitations and information in that standard as well as to any limitations set forth in the information or standards referenced below. failure to adhere to the warnings or limitations as established by the listed specifications could result in reduced product performance, reduction of operable life, and/or reduction of overall reliability. this product carries a moisture sensitivity level (msl) rating as shown below, and should be handled according to the requirements of the latest version of the joint industry standard ipc/jedec j-std-033 . device moisture sensitivity level (msl) rating LCA100L / LCA100Ls msl 1 esd sensitivity this product is esd sensitive , and should be handled according to the industry standard jesd-625 . reflow profile this product has a maximum body temperature and time rating as shown below. all other guidelines of j-std-020 must be observed. device maximum temperature x time LCA100L / LCA100Ls 250oc for 30 seconds board wash ixys integrated circuits division recommends the use of no-clean flux formulations. however, board washing to remove flux residue is acceptable. since ixys integrated circuits division employs the use of silicone coating as an optical waveguide in many of its optically isolated products, the use of a short drying bake could be necessary if a wash is used after solder reflow processes. chlorine- or fluorine-based solvents or fluxes should not be used. cleaning methods that employ ultrasonic energy should not be used. e 3 pb
i ntegrated c ircuits d ivision www.ixysic.com 6 r02 LCA100L dimensions mm (inches) pcb hole pattern 6.350 0.127 (0.250 0.005) 2.540 0.127 (0.100 0.005) 7.620 0.127 (0.300 0.005) 5.080 0.127 (0.200 0.005) 6 - 0.800 dia. (6 - 0.031 dia.) 0.254 0.0127 (0.010 0.0005) 9.144 0.508 (0.360 0.020) 7.239 typ (0.285 typ) 7.620 0.254 (0.300 0.010) 3.302 0.051 (0.130 0.002) 4.064 typ (0.160 typ) 0.457 0.076 (0.018 0.003) 8.382 0.381 (0.330 0.015) 2.54 0.127 (0.100 0.005) 6.350 0.127 (0.250 0.005) 1.651 0.254 (0.065 0.010) pin 1 dimensions mm (inches) pcb land pattern 0.254 0.0127 (0.010 0.0005) 7.620 0.254 (0.300 0.010) 0.635 0.127 (0.025 0.005) 3.302 0.051 (0.130 0.002) 4.445 0.254 (0.175 0.010) 2.54 (0.10) 8.90 (0.3503) 1.65 (0.0649) 0.65 (0.0255) 8.382 0.381 (0.330 0.015) 2.54 0.127 (0.100 0.005) 9.524 0.508 (0.375 0.020) 6.350 0.127 (0.250 0.005) 0.457 0.076 (0.018 0.003) 1.651 0.254 (0.065 0.010) 1.651 0.254 (0.065 0.010) pin 1 mechanical dimensions LCA100L LCA100Ls
i ntegrated c ircuits d ivision specification: ds-LCA100L-r02 ? copyright 2012, ixys integrated circuits division optomos ? is a registered trademark of ixys integrated circuits division all rights reserved. printed in usa. 12/22/2012 for additional information please visit our website at: www.ixysic.com 7 LCA100L ixys integrated circuits division makes no representations or warranties with respect to the accuracy or completeness of the co ntents of this publication and reserves the right to make changes to specifications and product descriptions at any time without notice. neither circuit patent licenses nor indemnity a re expressed or implied. except as set forth in ixys integrated circuits division?s standard terms and conditions of sale, ixys integrated circuits division assumes no liability whatsoever, a nd disclaims any express or implied warranty, relating to its products including, but not limited to, the implied warranty of merchantability, fitness for a particular purpose, or infri ngement of any intellectual property right. the products described in this document are not designed, intended, authorized or warranted for use as components in systems in tended for surgical implant into the body, or in other applications intended to support or sustain life, or where malfunction of ixys integrated circuits division?s product may resul t in direct physical harm, injury, or death to a person or severe property or environmental damage. ixys integrated circuits division reserves the right to discontinue or make changes to its p roducts at any time without notice. notes: 1. all dimensions carry tolerances of eia standard 481-2 2. the tape complies with all notes for constant dimensions listed on page 5 of eia-481-2 dimensions mm (inches) embossment embossed carrier 330.2 dia (13.00 dia) top cover tape thickness 0.102 max (0.004 max) w=16.00 (0.63) b 0 = 10.10 (0.398) a 0 = 10.10 (0.398) p = 12.00 (0.472) k 1 = 3.80 (0.15) k 0 = 4.90 (0.19) user direction of feed LCA100Lstr tape & reel


▲Up To Search▲   

 
Price & Availability of LCA100L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X